Part Number Hot Search : 
BH7601FS DRS1212 1215S 37300 627ER 2SB15 00BGXC 3DD130
Product Description
Full Text Search
 

To Download EPC3092-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Off-Line PC Mount Transformer
ELECTRONICS INC.
EPC3092-X
* Single Primary : 115 V * Split Bobbin Construction * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Meets or exceeds CSA/TUV/VDE Specifications for Creepage, Clearance and Dielectric Strength
Electrical Parameters @ 25 C
Part Number EPC3092-1 EPC3092-2 EPC3092-3 EPC3092-4 EPC3092-5 EPC3092-6 EPC3092-7 EPC3092-8 EPC3092-9 EPC3092-10 Primary Voltage 115 115 115 115 115 115 115 115 115 115 Secondary Voltage Parallel Series Connection Connection Secondary Current (A-Rms) Parallel Series Connection Connection 1.20 1.00 0.80 0.60 0.50 0.42 0.35 0.25 0.22 0.30 Power Rating (VA) 12 12 12 12 12 12 12 12 12 12
2.40 10 5.0 2.20 12.6 6.3 1.60 16 8.0 1.20 20 10 1.00 24 12 0.84 28 14 0.70 36 18 0.50 48 24 0.44 56 28 0.60 120 60 * Switching Frequency : 50 Hz - 500 Hz * Isolation : 2500 Vrms *
Package
1.870 (47.60) 1.560 (39.70) Pri.
Schematic
Sec. 5 6 7 8
4 1.430 (36.50) 1
.280 (7.11) .300 (7.60) .041(1.04) .400 (10.20) 1.000 (25.40) 1 4 1.410 (35.80)
Notes : 1. Optional Mounting Screws and Nut : 4-40 x 1.37 Nylon (4-40 x 34.9 mm) 2. Pins 2 and 3 omitted
5
6
7
8 Clearance Hole
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3092-X Rev. 7/15/02
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3092-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X